Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9300WC Datasheet (PDF) - Advanced Crystal Technology

9300WC Datasheet PDF - Advanced Crystal Technology
Part # 9300WC
Download  9300WC Download
File Size   196.52 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS

9300WC Datasheet (PDF)

Go To PDF Page Download Datasheet
9300WC Datasheet PDF - Advanced Crystal Technology

Part # 9300WC
Download  9300WC Click to download

File Size   196.52 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS

9300WC Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 9300WC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Coto Technology
9300 COTO-9300 Datasheet
287Kb / 2P
Series/Surface Mount Reed Relays
logo
TT Electronics.
9300 TTELEC-9300 Datasheet
742Kb / 4P
Multi-Turn Precision Potentiometer
logo
Cisco Systems, Inc.
9300 CISCO-9300 Datasheet
3Mb / 74P
Cisco Catalyst 9300 Series Switches
2023
logo
Keystone Electronics Co...
9300 KEYSTONE-9300 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results


Similar Description - 9300WC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com