Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-LC33 Datasheet (PDF) - Fox Electronics

FXO-LC33 Datasheet PDF - Fox Electronics
Part # FXO-LC33
Download  FXO-LC33 Download
File Size   852.92 Kbytes
Page   16 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 3.2 x 2.5mm 3.3V Oscillator

FXO-LC33 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-LC33 Datasheet PDF - Fox Electronics

Part # FXO-LC33
Download  FXO-LC33 Click to download

File Size   852.92 Kbytes
Page   16 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 3.2 x 2.5mm 3.3V Oscillator

FXO-LC33 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXO-LC33

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
LVDS 3.2 x 2.5mm 2.5V Oscillator
More results


Similar Description - FXO-LC33

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 2.5V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
LVDS 3.2 x 2.5mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
LVDS 5 x 3.2mm 3.3V Oscillator
logo
EUROQUARTZ limited
XOE32 EUROQUARTZ-XOE32 Datasheet
165Kb / 1P
3.2 x 2.5mm SMD Tight Tolerance Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
EUROQUARTZ limited
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com