Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXU-LC53 Datasheet (PDF) - Fox Electronics

FXU-LC53 Datasheet PDF - Fox Electronics
Part # FXU-LC53
Download  FXU-LC53 Download
File Size   297.14 Kbytes
Page   11 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 3.3V Oscillator

FXU-LC53 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXU-LC53 Datasheet PDF - Fox Electronics

Part # FXU-LC53
Download  FXU-LC53 Click to download

File Size   297.14 Kbytes
Page   11 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 3.3V Oscillator

FXU-LC53 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXU-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC510R FOX-FXU-LC510R Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC515R FOX-FXU-LC515R Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC516R FOX-FXU-LC516R Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC518R FOX-FXU-LC518R Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
More results


Similar Description - FXU-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
LVDS 5 x 3.2mm 3.3V VCXO
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com