Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-PC53 Datasheet (PDF) - Fox Electronics

FXO-PC53 Datasheet PDF - Fox Electronics
Part # FXO-PC53
Download  FXO-PC53 Download
File Size   329.81 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVPECL 5 x 3.2mm 3.3V Oscillator

FXO-PC53 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-PC53 Datasheet PDF - Fox Electronics

Part # FXO-PC53
Download  FXO-PC53 Click to download

File Size   329.81 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVPECL 5 x 3.2mm 3.3V Oscillator

FXO-PC53 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXO-PC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-PC535R-100 FOX-FXO-PC535R-100 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC535R-106.25 FOX-FXO-PC535R-106.25 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC535R-155.52 FOX-FXO-PC535R-155.52 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC535R-156.25 FOX-FXO-PC535R-156.25 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
FXO-PC535R-200 FOX-FXO-PC535R-200 Datasheet
37Kb / 1P
LVPECL, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
More results


Similar Description - FXO-PC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
LVPECL 5 x 3.2mm 3.3V VCXO
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
LVDS 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
LVPECL 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com