Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO_LC52 Datasheet (PDF) - Fox Electronics

FXO_LC52 Datasheet PDF - Fox Electronics
Part # FXO_LC52
Download  FXO_LC52 Download
File Size   328.44 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 2.5V Oscillator

FXO_LC52 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO_LC52 Datasheet PDF - Fox Electronics

Part # FXO_LC52
Download  FXO_LC52 Click to download

File Size   328.44 Kbytes
Page   15 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description LVDS 5 x 3.2mm 2.5V Oscillator

FXO_LC52 Datasheet (HTML) - Fox Electronics




Similar Part No. - FXO_LC52

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC520R FOX-FXO-LC520R Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC525R FOX-FXO-LC525R Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC526R FOX-FXO-LC526R Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC528R FOX-FXO-LC528R Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
More results


Similar Description - FXO_LC52

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
LVDS 5 x 3.2mm 2.5V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
LVDS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
LVPECL 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com