Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0BS Datasheet (PDF) - Fox Electronics

C0BS Datasheet PDF - Fox Electronics
Part # C0BS
Download  C0BS Download
File Size   287.49 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.6 x 1.2mm Ceramic SMD Crystal

C0BS Datasheet (PDF)

Go To PDF Page Download Datasheet
C0BS Datasheet PDF - Fox Electronics

Part # C0BS
Download  C0BS Click to download

File Size   287.49 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.6 x 1.2mm Ceramic SMD Crystal

C0BS Datasheet (HTML) - Fox Electronics




Similar Part No. - C0BS

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
C0B70 NORGREN-C0B70 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
C0B71 NORGREN-C0B71 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Semikron International
C0BQ-0N6-10 SEMIKRON-C0BQ-0N6-10 Datasheet
195Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C0BQ-0N6-10 SUPERWORLD-C0BQ-0N6-10 Datasheet
213Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
CERAMIC CHIP INDUCTORS
More results


Similar Description - C0BS

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
1.6 x 1.2mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com