Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016-SMX-4 Datasheet (PDF) - Advanced Crystal Technology

1016-SMX-4 Datasheet PDF - Advanced Crystal Technology
Part # 1016-SMX-4
Download  1016-SMX-4 Download
File Size   230.38 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 1.6 x 1.2mm Crystal unit

1016-SMX-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1016-SMX-4 Datasheet PDF - Advanced Crystal Technology

Part # 1016-SMX-4
Download  1016-SMX-4 Click to download

File Size   230.38 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 1.6 x 1.2mm Crystal unit

1016-SMX-4 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 1016-SMX-4

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1016 XFMRS-1016 Datasheet
61Kb / 2P
TRANSFORMERS
logo
Heyco.
10160 HEYCO-10160 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
JOKARI GmbH & Co. KG
10160 JOKARI-10160 Datasheet
395Kb / 6P
PRODUCT SPECIFICATION
17/02/2009
10160 JOKARI-10160 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
CABLECRAFT A PART OF SH...
10160000Y BETADUCT-10160000Y Datasheet
655Kb / 4P
Betaduct PVC Solid Wall Cable Trunking
More results


Similar Description - 1016-SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
2.0 x 1.6mm crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
IQD Frequency Products ...
IQXO-98X IQD-IQXO-98X Datasheet
306Kb / 7P
1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
1.6 x 1.2mm Ceramic SMD Crystal
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com