Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016-SMX-4 Datasheet (PDF) - Advanced Crystal Technology

2016-SMX-4 Datasheet PDF - Advanced Crystal Technology
Part # 2016-SMX-4
Download  2016-SMX-4 Download
File Size   198.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.6mm crystal unit

2016-SMX-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
2016-SMX-4 Datasheet PDF - Advanced Crystal Technology

Part # 2016-SMX-4
Download  2016-SMX-4 Click to download

File Size   198.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 2.0 x 1.6mm crystal unit

2016-SMX-4 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 2016-SMX-4

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2016-1201 WAGO-2016-1201 Datasheet
979Kb / 18P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
2016-1202 WAGO-2016-1202 Datasheet
1Mb / 20P
2-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
24.11.2021
2016-1204 WAGO-2016-1204 Datasheet
1Mb / 19P
2-conductor through terminal block; 16 mm짼; for Ex e II and Ex i applications
23.11.2021
2016-1207 WAGO-2016-1207 Datasheet
757Kb / 15P
2-conductor ground terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
2016-1301 WAGO-2016-1301 Datasheet
1Mb / 20P
3-conductor through terminal block; 16 mm짼; suitable for Ex e II applications
23.11.2021
More results


Similar Description - 2016-SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com