Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1BQ Datasheet (PDF) - Fox Electronics

C1BQ Datasheet PDF - Fox Electronics
Part # C1BQ
Download  C1BQ Download
File Size   292.52 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6mm Ceramic SMD Crystal

C1BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
C1BQ Datasheet PDF - Fox Electronics

Part # C1BQ
Download  C1BQ Click to download

File Size   292.52 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6mm Ceramic SMD Crystal

C1BQ Datasheet (HTML) - Fox Electronics




Similar Part No. - C1BQ

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C1BS FOX-C1BS Datasheet
272Kb / 2P
2.0x1.6mm Ceramic SMD Crystal
logo
CW Industries
C1BXS-1036M CWIND-C1BXS-1036M Datasheet
566Kb / 1P
CONNECTOR
More results


Similar Description - C1BQ

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
2.0 x 1.6mm crystal unit
01/2/2017
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
2X6SMD TRANSKO-2X6SMD Datasheet
463Kb / 1P
SMD CYLINDRICAL CRYSTAL (2.0 x 6.3mm)
Rev.1: Jul. 2014
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com