Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet (PDF) - Transko Electronics, Inc.

CS22 Datasheet PDF - Transko Electronics, Inc.
Part # CS22
Download  CS22 Download
File Size   172.36 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)

CS22 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS22 Datasheet PDF - Transko Electronics, Inc.

Part # CS22
Download  CS22 Click to download

File Size   172.36 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)

CS22 Datasheet (HTML) - Transko Electronics, Inc.


CS22 Product details

FEATURES:
• WIDE FREQUENCY RANGE
• AUTOMOTIVE GRADE AEC-Q200 QUALIFIED VERSION AVAILABLE
• SUITABLE FOR REFLOW




Similar Part No. - CS22

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS22 IXYS-CS22 Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
logo
Vishay Siliconix
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
logo
IXYS Corporation
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
52Kb / 2P
Phase Control Thyristors Electrically Isolated Tab
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
logo
Vishay Siliconix
CS22-100KD0016 VISHAY-CS22-100KD0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
More results


Similar Description - CS22

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CS42 TRANSKO-CS42 Datasheet
203Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)
Rev. 3: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
TISM2 TRANSKO-TISM2 Datasheet
165Kb / 1P
ULTRA MINIATURE SMD LVDS OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
TX-N TRANSKO-TX-N Datasheet
306Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.71mm)
Rev. 4: 12-11-2020
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com