Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet (PDF) - IXYS Corporation

CS22 Datasheet PDF - IXYS Corporation
Part # CS22
Download  CS22 Download
File Size   52.89 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase Control Thyristors Electrically Isolated Tab

CS22 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS22 Datasheet PDF - IXYS Corporation

Part # CS22
Download  CS22 Click to download

File Size   52.89 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase Control Thyristors Electrically Isolated Tab

CS22 Datasheet (HTML) - IXYS Corporation


CS22 Product details

Features
• Thyristor for frequencies up to 400Hz
• International standard package
• Epoxy meets UL 94V-0
• High performance glass passivated chip
• Long-term stability of leakage current and blocking voltage
• Plasitc overmolded tab for electrical isolation

Applications
• Motor control
• Power converter
• AC power controller
• Light and temperature control
• SCR for inrush current limiting in power supplies or AC drive

Advantages
• Space and weight savings
• Simple mounting




Similar Part No. - CS22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS22 VISHAY-CS22 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
logo
Transko Electronics, In...
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
logo
IXYS Corporation
CS22-08IO1M IXYS-CS22-08IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
logo
Vishay Siliconix
CS22-100KD0016 VISHAY-CS22-100KD0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
CS22-100KF0016 VISHAY-CS22-100KF0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
More results


Similar Description - CS22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com