Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1BA Datasheet (PDF) - Fox Electronics

C1BA Datasheet PDF - Fox Electronics
Part # C1BA
Download  C1BA Download
File Size   268.16 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6mm Auto Grade Crystal

C1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
C1BA Datasheet PDF - Fox Electronics

Part # C1BA
Download  C1BA Click to download

File Size   268.16 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6mm Auto Grade Crystal

C1BA Datasheet (HTML) - Fox Electronics




Similar Part No. - C1BA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
C1BS FOX-C1BS Datasheet
272Kb / 2P
2.0x1.6mm Ceramic SMD Crystal
logo
CW Industries
C1BXS-1036M CWIND-C1BXS-1036M Datasheet
566Kb / 1P
CONNECTOR
More results


Similar Description - C1BA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
2.0 x 1.6mm crystal unit
01/2/2017
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
logo
Abracon Corporation
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
Fox Electronics
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
C3BA FOX-C3BA Datasheet
275Kb / 2P
3.2 x 2.5mm Auto Grade Crystal
C5BA FOX-C5BA Datasheet
273Kb / 2P
5 x 3.2mm Auto Grade Crystal
C7BA FOX-C7BA Datasheet
269Kb / 2P
7 x 5mm Auto Grade Crystal
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com