Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7BA Datasheet (PDF) - Fox Electronics

C7BA Datasheet PDF - Fox Electronics
Part # C7BA
Download  C7BA Download
File Size   269.02 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 7 x 5mm Auto Grade Crystal

C7BA Datasheet (PDF)

Go To PDF Page Download Datasheet
C7BA Datasheet PDF - Fox Electronics

Part # C7BA
Download  C7BA Click to download

File Size   269.02 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 7 x 5mm Auto Grade Crystal

C7BA Datasheet (HTML) - Fox Electronics




Similar Part No. - C7BA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C7BS FOX-C7BS Datasheet
240Kb / 2P
7x5mm Ceramic SMD Crystal
More results


Similar Description - C7BA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
LVPECL 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
7 x 5mm SMD HCMOS
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
7 x 5mm Programmable LVPECL Oscillator
logo
Fox Electronics
FXTC-HE73 FOX-FXTC-HE73 Datasheet
194Kb / 11P
7 x 5mm 3.3V TCXO
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
C3BA FOX-C3BA Datasheet
275Kb / 2P
3.2 x 2.5mm Auto Grade Crystal
C5BA FOX-C5BA Datasheet
273Kb / 2P
5 x 3.2mm Auto Grade Crystal
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com