Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2BA Datasheet (PDF) - Fox Electronics

C2BA Datasheet PDF - Fox Electronics
Part # C2BA
Download  C2BA Download
File Size   270.6 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5 x 2.0mm Auto Grade Crystal

C2BA Datasheet (PDF)

Go To PDF Page Download Datasheet
C2BA Datasheet PDF - Fox Electronics

Part # C2BA
Download  C2BA Click to download

File Size   270.6 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5 x 2.0mm Auto Grade Crystal

C2BA Datasheet (HTML) - Fox Electronics




Similar Part No. - C2BA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
More results


Similar Description - C2BA

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
Advanced Crystal Techno...
2205-SMX-4 ACT-2205-SMX-4 Datasheet
231Kb / 2P
2.5 x 2.0mm Crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
2.5 x 2.0mm Crystal
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
Miniature 2.5 x 2.0mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0154-OY-TYPE TAITIEN-XO-0154-OY-TYPE Datasheet
344Kb / 1P
2.5 x 2.0mm SMD CMOS Output Crystal Oscillator
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
C3BA FOX-C3BA Datasheet
275Kb / 2P
3.2 x 2.5mm Auto Grade Crystal
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com