Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2BA Datasheet(PDF) 2 Page - Fox Electronics

Part # C2BA
Description  2.5 x 2.0mm Auto Grade Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C2BA Datasheet(HTML) 2 Page - Fox Electronics

  C2BA Datasheet HTML 1Page - Fox Electronics C2BA Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5 x 2.0mm Auto Grade Crystal
C2BA
(former FXA2520B)
DATASHEET
Reference / Comments
Title / Description: C2BA SERIES STANDARD SPECIFICATIONS
7/21/2020
– Added thickness info to termination metals, adjusted MSL info
to include J-ST D-033 and N/A
© Copyright 2020 Fox Electronics. All rights reserved
Drawing Number: C2BA-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Date: 07/21/2020
1Not all frequency, tolerance, stability, load, and operating temperature combinations may be available.
2 Listed load capacitances represent the most commonly used. Other load capacitances are available. Contact Fox Technical Suppo rt for assistance
• TAPE SPECIFICATIONS (millimeters)
• REEL SPECIFICATIONS (millimeters)
A
B
C
D
E
F
Reel QTY
G
H
I
J
K
L
M
1.55 4.0 4.0
3.5
8.0
0.8
-T3 = 3,000
-T2 = 2,000
-T1 = 1,000
2.5
13
21
60
180
9.0
2.0
1.75
Available Options & Part Identification for Automotive Crystal Model C2BA1
F C2BA B C V I 40.0
F
C2BA
B
C
V
I
40.0
FOX
Model
Number
Tolerance
Stability
Load
Capacitance
2
Operating
Temperature
Frequency
(MHz)
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
F = ±15 PPM
H = ±10 PPM
A = ±100 PPM
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
V=7pF
D=8pF
E=10pF
G=12pF
J=15pF
K=16pF
L=18pF
M=20pF
M = -40 to +85°C
P = -40 to +105°C
I = -40 to +125°C
T = -55 to +125ºC
Corporate Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electroni cs' sole
discretion. All information in this document, including descriptions of product features and performance, is subject to ch ange without notice. Performance
specifications and the operating parameters of the described products are determined in the independent state and are not gua ranteed to perform the same way
when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied,
including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied warranty o f merchantability, or non-infringement of
the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property rights of Fox
Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where
the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safe ty of users. Anyone using a Fox
Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change wit hout notice. Other trademarks and
service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respect ive third-party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html .



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com