Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2012 Datasheet (PDF) - Transko Electronics, Inc.

CS2012 Datasheet PDF - Transko Electronics, Inc.
Part # CS2012
Download  CS2012 Download
File Size   253.75 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)

CS2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS2012 Datasheet PDF - Transko Electronics, Inc.

Part # CS2012
Download  CS2012 Click to download

File Size   253.75 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)

CS2012 Datasheet (HTML) - Transko Electronics, Inc.


CS2012 Product details

FEATURES:
• SMALL SIZE CERAMIC SMD PACKAGE 32.768kHz
• EXCELLENT HEAT RESISTANCE
• -40°C ~ 85°C OPERATING TEMPERATURE




Similar Part No. - CS2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS2012 ETC-CS2012 Datasheet
3Mb / 7P
Typical Performance Characteristics
logo
CUI INC
CS20120B CUI-CS20120B Datasheet
340Kb / 4P
CURRENT SENSOR
logo
Same Sky Devices
CS20120B SAMESKY-CS20120B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212-100K BOURNS-CS201212-100K Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
More results


Similar Description - CS2012

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
logo
EUROQUARTZ limited
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
Fox Electronics
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com