Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS31 Datasheet (PDF) - Transko Electronics, Inc.

CS31 Datasheet PDF - Transko Electronics, Inc.
Part # CS31
Download  CS31 Download
File Size   362.55 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)

CS31 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS31 Datasheet PDF - Transko Electronics, Inc.

Part # CS31
Download  CS31 Click to download

File Size   362.55 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)

CS31 Datasheet (HTML) - Transko Electronics, Inc.


CS31 Product details

FEATURES:
 SMALL CERAMIC SMD PACKAGE TUNING FORK
 EXCELLENT HEAT RESISTANCE
 -40°C ~ 85°C OPERATING TEMPERATURE




Similar Part No. - CS31

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS310 CAMPBELL-CS310 Datasheet
617Kb / 3P
Quantum Sensor
06/23/2020
CS310 CAMPBELL-CS310 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
Amphenol Corporation
CS3100A18-3PW AMPHENOL-CS3100A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3PX AMPHENOL-CS3100A18-3PX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3SW AMPHENOL-CS3100A18-3SW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results


Similar Description - CS31

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
3.2 x 1.5 x 0.8mm Micro-miniature SMD
logo
ECS, Inc.
ECX-34Q ECS-ECX-34Q_17 Datasheet
529Kb / 2P
very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
logo
Transko Electronics, In...
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com