Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS31 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS31
Description  MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS31 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS31 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS31
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev.2: Nov. 2014
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
FEATURES:
SMALL CERAMIC SMD PACKAGE TUNING FORK
EXCELLENT HEAT RESISTANCE
-
40°C ~ 85°C OPERATING TEMPERATURE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY
32.768kHz
FREQUENCY TOLERANCE
STD: ±20ppm (See P/N guide for other options)
TEMPERATURE COEFFICIENT
-
0.034ppm ±0.006 ppm / ºC2
OPERATING TEMPERATURE RANGE
-
40°C ~ 85°C
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
TURN OVER TEMPERATURE
25°C ± 5°C
LOAD CAPACITANCE
STD: 12.5pF (See P/N guide for other options)
SHUNT CAPACITANCE
2.0pF max.
MOTIONAL CAPACITANCE
0.0036pF typ.
EQUIVALENT SERIES RESISTANCE
80k
 max.
INSULATION RESISTANCE
500M
 min. @ 100VDC ± 15VDC
DRIVE LEVEL
0.1µW typ. 1.0µW max.
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
SHOCK
±5.0ppm max.
VIBRATION
±5.0ppm max.
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
Pin Configuration
1
Xtal
2
Xtal
Unit : mm
■ REFLOW PROFILE
Unit :mm
Marking
3.20
1.70
0.75
1
2
1.1
1.90
2.50
CS31
32.768K
12.5
TR
Load Capacitance
12.5: 12.5pF
9: 9pF
7: 7pF
4:
4pF
Frequency
32.768kHz
Other Options
TR: Tape and reel
A
Tolerance @ 25°C
Blank: ±20ppm
A:
±10ppm
B:
±50ppm
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C


Similar Part No. - CS31

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS310 CAMPBELL-CS310 Datasheet
617Kb / 3P
Quantum Sensor
06/23/2020
CS310 CAMPBELL-CS310 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
Amphenol Corporation
CS3100A18-3PW AMPHENOL-CS3100A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3PX AMPHENOL-CS3100A18-3PX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3SW AMPHENOL-CS3100A18-3SW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results

Similar Description - CS31

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
3.2 x 1.5 x 0.8mm Micro-miniature SMD
logo
ECS, Inc.
ECX-34Q ECS-ECX-34Q_17 Datasheet
529Kb / 2P
very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
logo
Transko Electronics, In...
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com