Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABS Datasheet (PDF) - Fox Electronics

CABS Datasheet PDF - Fox Electronics
Part # CABS
Download  CABS Download
File Size   259.21 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.2x1.0mm Ceramic SMD Crystal

CABS Datasheet (PDF)

Go To PDF Page Download Datasheet
CABS Datasheet PDF - Fox Electronics

Part # CABS
Download  CABS Click to download

File Size   259.21 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.2x1.0mm Ceramic SMD Crystal

CABS Datasheet (HTML) - Fox Electronics




Similar Part No. - CABS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CABS01 ETC2-CABS01 Datasheet
296Kb / 5P
Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 100mm 0.81 cable
CABS02 ETC2-CABS02 Datasheet
295Kb / 5P
Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
logo
StarTech.com Ltd.
CABSHELFV1U STARTECH-CABSHELFV1U Datasheet
58Kb / 3P
1U Server Rack Shelf - Universal Vented Rack Mount Cantilever Tray for 19" Network Equipment Rack & Cabinet - Heavy Duty Steel – Weight Capacity 50lb/23kg - 10" Deep Shelf, Black
More results


Similar Description - CABS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com