Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABSHELFV1U Datasheet (PDF) - StarTech.com Ltd.

CABSHELFV1U Datasheet PDF - StarTech.com Ltd.
Part # CABSHELFV1U
Download  CABSHELFV1U Download
File Size   58.38 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1U Server Rack Shelf - Universal Vented Rack Mount Cantilever Tray for 19" Network Equipment Rack & Cabinet - Heavy Duty Steel – Weight Capacity 50lb/23kg - 10" Deep Shelf, Black

CABSHELFV1U Datasheet (PDF)

Go To PDF Page Download Datasheet
CABSHELFV1U Datasheet PDF - StarTech.com Ltd.

Part # CABSHELFV1U
Download  CABSHELFV1U Click to download

File Size   58.38 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1U Server Rack Shelf - Universal Vented Rack Mount Cantilever Tray for 19" Network Equipment Rack & Cabinet - Heavy Duty Steel – Weight Capacity 50lb/23kg - 10" Deep Shelf, Black

CABSHELFV1U Datasheet (HTML) - StarTech.com Ltd.


CABSHELFV1U Product details

Applications
• Supply additional storage space for mission-critical hardware and non-rackmount equipment

Features
• UNIVERSAL 19'' FIT: This 1U vented server rack mount shelf is designed to fit virtually any 19in server rack and
can accommodate an internal depth of 10in (25cm) for your data, IT, networking, or other non-rack mount equipment
• MAXIMIZE VENTILIATION: The vented shelf plate on the cantilever rack shelf ensures consistent airflow to
effectively dissipate heat on servers; it also works great to keep your computer and AV equipment cool in your home,
studio, or office space
• HEAVY-DUTY & DURABLE DESIGN: Constructed with SPCC commercial cold-rolled steel, the sturdy front
mounted cabinet shelf ensures long term durability and supports a total weight of 44lbs/20kg making it the perfect
rack shelf solution for any environment
• VERSATILE FUNCTIONALITY: At 10in deep, this fixed rack mount shelf is designed to work with any 19in cabinet
or equipment rack; it provides additional storage space for mission critical hardware, and can even store your tools or
audio / video accessories
• INDUSTRY-LEADING SUPPORT: Backed for life by StarTech.com and free lifetime technical support on this TAA
compliant 2U vented server rack mount shelf, and has been the choice of IT professionals and businesses for over 30
years




Similar Part No. - CABSHELFV1U

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
CABS FOX-CABS Datasheet
259Kb / 2P
1.2x1.0mm Ceramic SMD Crystal
logo
List of Unclassifed Man...
CABS01 ETC2-CABS01 Datasheet
296Kb / 5P
Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 100mm 0.81 cable
CABS02 ETC2-CABS02 Datasheet
295Kb / 5P
Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
More results


Similar Description - CABSHELFV1U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
Bud Industries, Inc.
SA-1753-BT BUD-SA-1753-BT Datasheet
75Kb / 1P
RELAY RACK SHELF
logo
NEC
R120F-2ES NEC-R120F-2ES Datasheet
689Kb / 2P
The high-capacity rack server
R120G-2ES NEC-R120G-2ES Datasheet
993Kb / 2P
The high-capacity rack server
logo
Tripp Lite. All Rights ...
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
SR4POST58HD TRIPPLITE-SR4POST58HD Datasheet
165Kb / 3P
58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SRWSHELF4P1U TRIPPLITE-SRWSHELF4P1U Datasheet
162Kb / 2P
Cantilevered Steel Rack Shelf - 1U, Vented, Integrated Cable Rings, 14.2 in. Deep, Holds up to 50 lbs (22.2 kgs)
logo
Hammond Manufacturing L...
RAS HAMMOND-RAS_V01 Datasheet
241Kb / 2P
Universal Rack Shelf
logo
Kendall Howard
1904-1-001-01 KENDALLHOWARD-1904-1-001-01 Datasheet
413Kb / 1P
FULL 20” RACK SHELF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com