Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K12A Datasheet (PDF) - Fox Electronics

K12A Datasheet PDF - Fox Electronics
Part # K12A
Download  K12A Download
File Size   283.64 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2 x 1.2mm Auto Grade Tuning Fork

K12A Datasheet (PDF)

Go To PDF Page Download Datasheet
K12A Datasheet PDF - Fox Electronics

Part # K12A
Download  K12A Click to download

File Size   283.64 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2 x 1.2mm Auto Grade Tuning Fork

K12A Datasheet (HTML) - Fox Electronics




Similar Part No. - K12A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K12A1.55N ITT-K12A1.55N Datasheet
310Kb / 6P
High Performance Key Switches
K12A1.55N1R ITT-K12A1.55N1R Datasheet
310Kb / 6P
High Performance Key Switches
K12A1.55NL306 ITT-K12A1.55NL306 Datasheet
310Kb / 6P
High Performance Key Switches
K12A1.55NL3061R ITT-K12A1.55NL3061R Datasheet
310Kb / 6P
High Performance Key Switches
K12A1.55NL327 ITT-K12A1.55NL327 Datasheet
310Kb / 6P
High Performance Key Switches
More results


Similar Description - K12A

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXA135 FOX-FXA135 Datasheet
560Kb / 2P
Ceramic Automotive Grade SMD Tuning Fork
logo
Dubilier
DXT26 DUBILIER-DXT26 Datasheet
183Kb / 1P
TUNING FORK
logo
Fox Electronics
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K13A FOX-K13A Datasheet
302Kb / 3P
3.2 x 1.5mm Auto Grade Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com