Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K122 Datasheet (PDF) - Fox Electronics

K122 Datasheet PDF - Fox Electronics
Part # K122
Download  K122 Download
File Size   403.22 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2 x 1.2mm SMD Tuning Fork

K122 Datasheet (PDF)

Go To PDF Page Download Datasheet
K122 Datasheet PDF - Fox Electronics

Part # K122
Download  K122 Click to download

File Size   403.22 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2 x 1.2mm SMD Tuning Fork

K122 Datasheet (HTML) - Fox Electronics




Similar Part No. - K122

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
K1221 FUJI-K1221 Datasheet
134Kb / 4P
N-Channel Silicon Power MOS-FET
logo
List of Unclassifed Man...
K1221-K60 ETC2-K1221-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K1222-K60 ETC2-K1222-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K1223-K60 ETC2-K1223-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K1223-K62 ETC2-K1223-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
More results


Similar Description - K122

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K12A FOX-K12A Datasheet
283Kb / 3P
2 x 1.2mm Auto Grade Tuning Fork
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K161 FOX-K161 Datasheet
310Kb / 3P
1.6 x 1.0mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com