Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75L03 Datasheet (PDF) - Exar Corporation

XRT75L03 Datasheet PDF - Exar Corporation
Part # XRT75L03
Download  XRT75L03 Download
File Size   818.64 Kbytes
Page   92 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR

XRT75L03 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT75L03 Datasheet PDF - Exar Corporation

Part # XRT75L03
Download  XRT75L03 Click to download

File Size   818.64 Kbytes
Page   92 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR

XRT75L03 Datasheet (HTML) - Exar Corporation


XRT75L03 Product details

GENERAL DESCRIPTION
The XRT75L03 is a three-channel fully integrated Line Interface Unit (LIU) with Jitter Attenuator for E3/DS3/STS-1 applications. It incorporates 3 independent Receivers, Transmitters and Jitter Attenuators in a single 128 pin LQFP package.

FEATURES
RECEIVER:
• On chip Clock and Data Recovery circuit for high input jitter tolerance
• Meets E3/DS3/STS-1 Jitter Tolerance Requirement
• Detects and Clears LOS as per G.775
• Receiver Monitor mode handles up to 20 dB flat loss with 6 dB cable attenuation
• On chip B3ZS/HDB3 encoder and decoder that can be either enabled or disabled
• On-chip clock synthesizer provides the appropriate rate clock from a single 12.288 MHz Clock
• Provides low jitter output clock

TRANSMITTER:
• Compliant with Bellcore GR-499, GR-253 and ANSI T1.102 Specification for transmit pulse
• Tri-state Transmit output capability for redundancy applications
• Each Transmitter can be turned on or off
• Transmitters provide Current Output Drive

JITTER ATTENUATOR:
• On chip advanced crystal-less Jitter Attenuator for each channel
• Jitter Attenuator can be selected in Receive or Transmit paths
• Meets ETSI TBR 24 Jitter Transfer Requirements
• Compliant with jitter transfer template outlined in ITU G.751, G.752, G.755 and GR-499-CORE,1995 standards
• 16 or 32 bits selectable FIFO size
• Jitter Attenuator can be disabled

CONTROL AND DIAGNOSTICS:
• 5 wire Serial Microprocessor Interface for control and configuration
• Supports optional internal Transmit driver monitoring
• Hardware Mode for control and configuration
• Each channel supports Local, Remote and Digital Loop-backs
• Single 3.3 V ± 5% power supply
• 5 V Tolerant digital inputs
• Available in 128 pin LQFP Package
• - 40°C to 85°C Industrial Temperature Range

APPLICATIONS
• E3/DS3 Access Equipment
• DSLAMs
• Digital Cross Connect Systems
• CSU/DSU Equipment
• Routers
• Fiber Optic Terminals




Similar Part No. - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Similar Description - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com