Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1734 Datasheet (PDF) - Microsemi Corporation

LX1734 Datasheet PDF - Microsemi Corporation
Part # LX1734
Download  LX1734 Download
File Size   198.3 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.0MHz Inverting DC/DC Converter

LX1734 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1734 Datasheet PDF - Microsemi Corporation

Part # LX1734
Download  LX1734 Click to download

File Size   198.3 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1.0MHz Inverting DC/DC Converter

LX1734 Datasheet (HTML) - Microsemi Corporation


LX1734 Product details

DESCRIPTION
The LX1734 is an inverting DC/DC current-mode controller. With a 750mA integrated switch, the LX1734 can generate large output currents in a small footprint. The LX1734 minimizes external component size and cost by implementing a high switching frequency of 1.0MHz, while generating -5V at 250mA.
When configured in the dual inductor inverting topology very low output voltage ripple approaching 1mVP-P can be achieved when used in conjunction with ceramic output capacitors. The dual inductor can be implemented as a coupled or separate cores.

KEY FEATURES
◾ Fixed Frequency 1.0MHz Operation
◾ Very Low Noise: 1mVP-P Output Ripple Possible With Cuk Topology
◾ Stable Operation With Ceramic or Tantalum Capacitors
◾ -5V at 250mA from 5V Input
◾ Uses Small Surface Mount L/C Components
◾ Wide Input Range: 4.2V to 8V
◾ Low VCESAT Switch: 600mV at 600mA
◾ 6-Lead 3x3mm JEDEC MLPM Package
◾ Functionally Compatible with LT1611 or LT1931

APPLICATIONS/BENEFITS
◾ Disk Drive MR Head Bias
◾ Digital Camera CCD Bias
◾ LCD Bias
◾ GaAs FET Bias
◾ Local -5V or -12V Supplies




Similar Part No. - LX1734

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1732 MICROSEMI-LX1732 Datasheet
322Kb / 12P
High Current PFM Boost Converter
LX1732CDU MICROSEMI-LX1732CDU Datasheet
322Kb / 12P
High Current PFM Boost Converter
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
LX1736 MICROSEMI-LX1736 Datasheet
225Kb / 7P
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
LX1736CLD MICROSEMI-LX1736CLD Datasheet
225Kb / 7P
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
More results


Similar Description - LX1734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Texas Instruments
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
1.0MHz STEP-UP DC-DC CONVERTER
Rev 1
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com