Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1736 Datasheet (PDF) - Microsemi Corporation

LX1736 Datasheet PDF - Microsemi Corporation
Part # LX1736
Download  LX1736 Download
File Size   225.61 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR

LX1736 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1736 Datasheet PDF - Microsemi Corporation

Part # LX1736
Download  LX1736 Click to download

File Size   225.61 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR

LX1736 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - LX1736

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
More results


Similar Description - LX1736

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Microchip Technology
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com