Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX13049 Datasheet (PDF) - Microsemi Corporation

LX13049 Datasheet PDF - Microsemi Corporation
Part # LX13049
Download  LX13049 Download
File Size   204.33 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VREF @ 800mV, 1.25A, 1.0MHZ PWM

LX13049 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX13049 Datasheet PDF - Microsemi Corporation

Part # LX13049
Download  LX13049 Click to download

File Size   204.33 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VREF @ 800mV, 1.25A, 1.0MHZ PWM

LX13049 Datasheet (HTML) - Microsemi Corporation


LX13049 Product details

KEY FEATURES
Few External Components
800mv Internal Reference
Tight Regulation over Line,
Load and Temperature
4.5V to 5.5V Input Range
Internal Soft Start Controls
Inrush Current
High Efficiency
Low Quiescent Current, 600μA
Fully Fault Protected
Thin MO-229, 6-Pin Package

APPLICATIONS
Point of Load Regulation
DSP, ASIC and Core Voltage
Supplies
Hard Disk Drives
Set Top Boxes
RoHS compliant product




Similar Part No. - LX13049

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
Wall mount
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
LX13088ACLD MICROSEMI-LX13088ACLD Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
LX13088ACLD-TR MICROSEMI-LX13088ACLD-TR Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
More results


Similar Description - LX13049

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X02 STMICROELECTRONICS-X02 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0202NN-5BA4 STMICROELECTRONICS-X0202NN-5BA4 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
logo
Microsemi Corporation
LX1912 MICROSEMI-LX1912 Datasheet
143Kb / 8P
VREF @ 800mV, 1.0A, 1.2MHz PWM Current Mode PWM Buck regulator
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
logo
Torex Semiconductor
XC9106 TOREX-XC9106_1 Datasheet
297Kb / 11P
PWM Control,PWM/PFM Switching Control, Step-Up DC/DC Converters, Externally Applied Vref
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736_08 Datasheet
225Kb / 7P
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
logo
SIPAT Co,Ltd
LBS14104 SIPAT-LBS14104 Datasheet
145Kb / 3P
140.6MHz SAW Filter 1.0MHz Bandwidth
logo
Solid States Devices, I...
TR0010 SSDI-TR0010 Datasheet
45Kb / 2P
NPN (VREF) TRANSISTOR
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
1.0MHz Boost Converter
logo
IQD Frequency Products ...
IQXO-56 IQD-IQXO-56 Datasheet
400Kb / 2P
Frequency 1.0MHz to 79.0MHz
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com