Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX13088 Datasheet (PDF) - Microsemi Corporation

LX13088 Datasheet PDF - Microsemi Corporation
Part # LX13088
Download  LX13088 Download
File Size   428.6 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual 1A Step-Down Converters

LX13088 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX13088 Datasheet PDF - Microsemi Corporation

Part # LX13088
Download  LX13088 Click to download

File Size   428.6 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual 1A Step-Down Converters

LX13088 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - LX13088

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
LX13088ACLD MICROSEMI-LX13088ACLD Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
LX13088ACLD-TR MICROSEMI-LX13088ACLD-TR Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
More results


Similar Description - LX13088

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Richtek Technology Corp...
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com