Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8012A Datasheet (PDF) - Richtek Technology Corporation

RT8012A Datasheet PDF - Richtek Technology Corporation
Part # RT8012A
Download  RT8012A Download
File Size   276.93 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters

RT8012A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8012A Datasheet PDF - Richtek Technology Corporation

Part # RT8012A
Download  RT8012A Click to download

File Size   276.93 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters

RT8012A Datasheet (HTML) - Richtek Technology Corporation


RT8012A Product details

General Description
The RT8012A is a dual PWM, current mode, stepdown converter. Its input voltage range is from 2.6V to 5.5V and has a constant 1.2MHz switching frequency, allowing the use of tiny, low cost capacitors and inductors 2mm or less in height. Each output voltage is adjustable from 0.8V to 5V. Internal power switches with low on-resistance of the dual step-down regulators increase efficiency and eliminate the need for external Schottky diodes.

Features
● High Efficiency : Up to 95%
● 1.2MHZ Constant Switching Frequency
● 1A and 1.5A Load Current on Each Channel Respectively
● Low RDS(ON) Internal Switches
● No Schottky Diode Required
● 0.8V Reference Allows Low Output Voltage
● Low Dropout Operation : 100% Duty Cycle
● Internally Compensated
● < 2μA Shutdown Current
● Power Good Output Voltage Monitor
● Internal Soft-Start
● Easy Power Sequence Control
● Over temperature Protection
● Short Circuit Protection
● Thermally Enhanced 16-Lead WQFN Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Portable Instruments
● Microprocessors and DSP Core Supplies
● Cellular Phones
● Wireless and DSL Modems
● PC Cards
● Digital Cameras




Similar Part No. - RT8012A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8012A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Linear Technology
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com