Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8023 Datasheet (PDF) - Richtek Technology Corporation

RT8023 Datasheet PDF - Richtek Technology Corporation
Part # RT8023
Download  RT8023 Download
File Size   391.89 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs

RT8023 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8023 Datasheet PDF - Richtek Technology Corporation

Part # RT8023
Download  RT8023 Click to download

File Size   391.89 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs

RT8023 Datasheet (HTML) - Richtek Technology Corporation


RT8023 Product details

General Description
The RT8023 combines two low dropout (LDO) linear regulators and a step-down converter with an input voltage range of 2.6V to 5.5V. Each output voltage is adjustable from 0.8V to 5V. With independent Enable and PowerGood pins for each regulator, it is easy to control the power up sequence, which is important in some applications.

Features
● Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
● Low-Noise LDO for RF Application
● Ultra-Fast Response in Line/Load Transient
● LDO Turn-On Time Less Than 40us
● Only 1μF LDO Output Capacitor Required for Stability
● Current Limiting Protection
● 1.5A, High Efficiency Step-Down Converter
● 1.2MHZ Constant Switching Frequency
● Low RDS(ON) Internal Switches
● No Schottky Diode Required
● 0.8V Reference Allows Low Output Voltage
● Low Dropout Operation : 100% Duty Cycle Internally Compensated
● < 2μA Shutdown Current
● Power Good Output Voltage Monitor
● Internal Soft-Start for PWM Converter
● Easy Power Sequence Control
● Over Temperature Protection
● Short Circuit Protection
● Thermally Enhanced 24-Lead WQFN Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Portable Instruments
● Microprocessors and DSP Core Supplies
● Cellular Phones
● Wireless and DSL Modems
● PC Cards
● Digital Cameras




Similar Part No. - RT8023

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
More results


Similar Description - RT8023

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com