Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374A Datasheet (PDF) - Analog Devices

LTC3374A Datasheet PDF - Analog Devices
Part # LTC3374A
Download  LTC3374A Download
File Size   1625.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages

LTC3374A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3374A Datasheet PDF - Analog Devices

Part # LTC3374A
Download  LTC3374A Click to download

File Size   1625.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages

LTC3374A Datasheet (HTML) - Analog Devices




Similar Part No. - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
LTC3374A LINER-LTC3374A Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374A AD-LTC3374A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3374A AD-LTC3374A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374A AD-LTC3374A Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results


Similar Description - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Linear Technology
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com