Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374A Datasheet (PDF) - Analog Devices

LTC3374A Datasheet PDF - Analog Devices
Part # LTC3374A
Download  LTC3374A Download
File Size   3155.91 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN

LTC3374A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3374A Datasheet PDF - Analog Devices

Part # LTC3374A
Download  LTC3374A Click to download

File Size   3155.91 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN

LTC3374A Datasheet (HTML) - Analog Devices




Similar Part No. - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
LTC3374A LINER-LTC3374A Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374A AD-LTC3374A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374A AD-LTC3374A Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3374A AD-LTC3374A Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
More results


Similar Description - LTC3374A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com