Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3302 Datasheet (PDF) - Analog Devices

LTC3302 Datasheet PDF - Analog Devices
Part # LTC3302
Download  LTC3302 Download
File Size   2557.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN

LTC3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3302 Datasheet PDF - Analog Devices

Part # LTC3302
Download  LTC3302 Click to download

File Size   2557.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN

LTC3302 Datasheet (HTML) - Analog Devices


LTC3302 Product details

FEATURES
- High Efficiency: 30mΩ NMOS, 85mΩ PMOS
- Peak Current Mode Control
- 27ns Minimum On-Time
- Wide Bandwidth, Fast Transient Response
- Low-Ripple Burst Mode® Operation with IQ of 80μA
- Up to 6MHz Operation
- Safely Tolerates Inductor Saturation in Overload
- VIN Range: 2.25V to 5.5V
- Fixed VOUT Range: 0.5V to 3.65V, Factory
Programmed in 50mV Steps
- VOUT Accuracy: ±1% Overtemperature Range
- Precision 400mV Enable Threshold
- Shutdown Current: 1μA
- Power Good, Internal Compensation and Soft-Start
- Thermally Enhanced, 12-Pin, 2mm × 2mm, Flip Chip
(FCQFN) Package with Side Wettable Flanks
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- Optical Networking, Servers, Telecom
- Automotive, Industrial, Communications
- Distributed DC Power Systems (POL)
- FPGA, ASIC, μP Core Supplies




Similar Part No. - LTC3302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
High Effciency Bidirectional Multicell Battery Balancer
LTC3300-1 LINER-LTC3300-1_15 Datasheet
470Kb / 46P
High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3305 LINER-LTC3305 Datasheet
535Kb / 28P
Lead-Acid Battery Balancer
More results


Similar Description - LTC3302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Analog Devices
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
logo
Maxim Integrated Produc...
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com