Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8952 Datasheet (PDF) - Maxim Integrated Products

MAX8952 Datasheet PDF - Maxim Integrated Products
Part # MAX8952
Download  MAX8952 Download
File Size   2029.55 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP

MAX8952 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8952 Datasheet PDF - Maxim Integrated Products

Part # MAX8952
Download  MAX8952 Click to download

File Size   2029.55 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP

MAX8952 Datasheet (HTML) - Maxim Integrated Products


MAX8952 Product details

General Description
The MAX8952 high-efficiency DC-to-DC step-down switching regulator delivers up to 2.5A of output current. The device operates from a 2.5V to 5.5V input voltage range, supporting commonly-used battery technologies in handsets. The output voltage is I2C programmable from 0.77V to 1.40V. Remote sense ensures precise DC regulation at the load. Total output error is less than ±1.5% over load, line, and temperature.

Features
♦ 2.5A Guaranteed Output Current
♦ I2C Programmable VOUT (770mV to 1.40V in 10mV Steps)
♦ Initial Accuracy ±0.5% at 1.40V Output
♦ ±1.5% Output Accuracy Over Load, Line, and Temperature (DCR ≤ 38.5mΩ)
♦ Power-Save Mode Increases Light Load Efficiency
♦ Fixed 3.25MHz PWM Switching Frequency
♦ Small 1.0µH Inductor
♦ Synchronizes to 13MHz, 19.2MHz, or 26MHz System Clock When Available
♦ Overvoltage and Overcurrent Protection
♦ Operates from 2.5V to 5.5V Input Supply
♦ Thermal Shutdown Protection
♦ On-Chip FET and Synchronous Rectifier
♦ 400kHz I2C Interface
♦ < 1µA Shutdown Current
♦ 16-Bump, 2mm x 2mm WLP Package

Applications
    Cell Phones and Smartphones
    PDAs and MP3 Players
    Tablet PCs




Similar Part No. - MAX8952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX895L MAXIM-MAX895L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX895L MAXIM-MAX895L Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC MAXIM-MAX895LC Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX895LC/D MAXIM-MAX895LC/D Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX895LD MAXIM-MAX895LD Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
More results


Similar Description - MAX8952

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8831 MAXIM-MAX8831 Datasheet
422Kb / 27P
High-Efficiency, White LED Step-Up Converter with I2C Interface in 2mm x 2mm WLP
Rev 0; 11/08
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com