Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374 Datasheet (PDF) - Analog Devices

LTC3374 Datasheet PDF - Analog Devices
Part # LTC3374
Download  LTC3374 Download
File Size   1956.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm2mm LQFN

LTC3374 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3374 Datasheet PDF - Analog Devices

Part # LTC3374
Download  LTC3374 Click to download

File Size   1956.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm2mm LQFN

LTC3374 Datasheet (HTML) - Analog Devices




Similar Part No. - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374 AD-LTC3374 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3374 AD-LTC3374 Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results


Similar Description - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
Analog Devices
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com