Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4360HU Datasheet (PDF) - M.S. Kennedy Corporation

MSK4360HU Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4360HU
Download  MSK4360HU Download
File Size   294.15 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4360HU Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4360HU Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4360HU
Download  MSK4360HU Click to download

File Size   294.15 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4360HU Datasheet (HTML) - M.S. Kennedy Corporation


MSK4360HU Product details

DESCRIPTION:
The MSK 4360 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in an electrically isolated hermetic package. The hybrid is capable of 10 amps of output current and 55 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWM’ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4360 has good thermal conductivity of the MOSFET’s due to isolated substrate/package design that allows direct heat sinking of the hybrid without insulators.

FEATURES:
• 55 Volt Motor Supply Voltage
• 10 Amp Output Switch Capability
• 100% Duty Cycle High Side Conduction Capable
• Shoot-Through/Cross Conduction Protection
• Hall Sensing and Commutation Circuitry on Board
• Internal –15 Volt Regulators
• "Real" Four Quadrant Torque Control Capability
• Good Accuracy Around the Null Torque Point
• Isolated Package for High Voltage Isolation Plus Good Thermal Transfer

TYPICAL APPLICATIONS
• 3 Phase Brushless DC Motor Control Servo Control Fin Actuator Control
• Gimbal Control AZ-EL Control




Similar Part No. - MSK4360HU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4360HU ANAREN-MSK4360HU Datasheet
767Kb / 8P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Similar Description - MSK4360HU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364 Datasheet
312Kb / 7P
5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4310 ANAREN-MSK4310 Datasheet
164Kb / 9P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com