Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2101 Datasheet (PDF) - PREMA Semiconductor.

PR2101 Datasheet PDF - PREMA Semiconductor.
Part # PR2101
Download  PR2101 Download
File Size   931.64 Kbytes
Page   8 Pages
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.
Description 80 V Linear Regulator PR2101

PR2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR2101 Datasheet PDF - PREMA Semiconductor.

Part # PR2101
Download  PR2101 Click to download

File Size   931.64 Kbytes
Page   8 Pages
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.
Description 80 V Linear Regulator PR2101

PR2101 Datasheet (HTML) - PREMA Semiconductor.




Similar Part No. - PR2101

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR21 CUI-PR21 Datasheet
442Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR21 CUID-PR21 Datasheet
441Kb / 6P
POWER RELAY
08/09/2022
logo
Same Sky Devices
PR21 SAMESKY-PR21 Datasheet
383Kb / 6P
POWER RELAY
09/12/2024
logo
CUI INC
PR21-12V-400-2A CUI-PR21-12V-400-2A Datasheet
442Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR21-12V-400-2A CUID-PR21-12V-400-2A Datasheet
441Kb / 6P
POWER RELAY
08/09/2022
More results


Similar Description - PR2101

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK701XX TOKO-TK701XX Datasheet
116Kb / 6P
1.0 V LOW DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
logo
Generalplus Technology ...
GPY0029C GENERALPLUS-GPY0029C Datasheet
917Kb / 16P
Linear Regulator
logo
Infineon Technologies A...
IPT013N08NM5LF INFINEON-IPT013N08NM5LF Datasheet
771Kb / 11P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2021-08-21
ISC025N08NM5LF INFINEON-ISC025N08NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2023-06-06
logo
Texas Instruments
TPS714 TI1-TPS714 Datasheet
3Mb / 38P
TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com