Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP101 Datasheet (PDF) - ON Semiconductor

TIP101 Datasheet PDF - ON Semiconductor
Part # TIP101
Download  TIP101 Download
File Size   218.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

TIP101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP101 Datasheet PDF - ON Semiconductor

Part # TIP101
Download  TIP101 Click to download

File Size   218.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

TIP101 Datasheet (HTML) - ON Semiconductor


TIP101 Product details

Plastic Medium−Power Complementary Silicon Transistors

Designed for general−purpose amplifier and low−speed switching applications.


Features
•High DC Current Gain −hFE = 2500 (Typ) @ IC= 4.0 Adc
•Collector−Emitter Sustaining Voltage − @ 30 mAdc
                VCEO(sus)= 60 Vdc (Min) − TIP100, TIP105
                             = 80 Vdc (Min) − TIP101, TIP106
                             = 100 Vdc (Min) − TIP102, TIP107
•Low Collector−Emitter Saturation Voltage − VCE(sat)= 2.0 Vdc (Max) @ IC
                                                         = 3.0 Adc
                                                       = 2.5 Vdc (Max) @ IC= 8.0 Adc
•Monolithic Construction with Built−in Base−Emitter Shunt Resistors
•Pb−Free Packages are Available




Similar Part No. - TIP101

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP101 MOSPEC-TIP101 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP101 MOTOROLA-TIP101 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP101 POINN-TIP101 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP101 FAIRCHILD-TIP101 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
Boca Semiconductor Corp...
TIP101 BOCA-TIP101 Datasheet
26Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results


Similar Description - TIP101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com