Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP101 Datasheet (PDF) - Motorola, Inc

TIP101 Datasheet PDF - Motorola, Inc
Part # TIP101
Download  TIP101 Download
File Size   218.99 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS

TIP101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP101 Datasheet PDF - Motorola, Inc

Part # TIP101
Download  TIP101 Click to download

File Size   218.99 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS

TIP101 Datasheet (HTML) - Motorola, Inc


TIP101 Product details

DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60– 80– 100 VOLTS

80 WATTS



. . . designed for general–purpose amplifier and low–speed switching applications.

• High DC Current Gain —hFE= 2500 (Typ) @ IC= 4.0 Adc

• Collector–Emitter Sustaining Voltage — @ 30 mAdc

           VCEO(sus)= 60 Vdc (Min) — TIP100, TIP105

          VCEO(sus) = 80 Vdc (Min) — TIP101, TIP106

          VCEO(sus) = 100 Vdc (Min) — TIP102, TIP107

• Low Collector–Emitter Saturation Voltage —

    VCE(sat)= 2.0 Vdc (Max) @ IC= 3.0 Adc

   VCE(sat) = 2.5 Vdc (Max) @ IC= 8.0 Adc

• Monolithic Construction with Built–in Base–Emitter Shunt Resistors

• TO–220AB Compact Package

 




Similar Part No. - TIP101

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP101 MOSPEC-TIP101 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
ON Semiconductor
TIP101 ONSEMI-TIP101 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP101 POINN-TIP101 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP101 FAIRCHILD-TIP101 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
Boca Semiconductor Corp...
TIP101 BOCA-TIP101 Datasheet
26Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results


Similar Description - TIP101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
RCA1001 ETC-RCA1001 Datasheet
115Kb / 3P
8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com