Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP101 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TIP101
Description  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP101 Datasheet(HTML) 3 Page - Motorola, Inc

  TIP101 Datasheet HTML 1Page - Motorola, Inc TIP101 Datasheet HTML 2Page - Motorola, Inc TIP101 Datasheet HTML 3Page - Motorola, Inc TIP101 Datasheet HTML 4Page - Motorola, Inc TIP101 Datasheet HTML 5Page - Motorola, Inc TIP101 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP100 TIP101 TIP102 TIP105 TIP106 TIP107
3
Motorola Bipolar Power Transistor Device Data
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
Z
θJC(t) = r(t) RθJC
R
θJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
20
1.0
Figure 5. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5.0
2.0
1.0
0.02
2.0
5.0
20
50
100
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
0.5
TJ = 150°C
dc
1 ms
100
µs
0.2
0.1
10
TIP100, TIP105
TIP101, TIP106
TIP102, TIP107
0.05
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
5 ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
30
2.0
5.0
10
20
100
50
0.2
0.5
1.0
100
50
TJ = 25°C
Cib
70
Cob
PNP
NPN
Figure 6. Small–Signal Current Gain
10,000
1.0
f, FREQUENCY (kHz)
10
20
50
100
200
1000
2.0
5.0
10
3000
500
100
TC = 25°C
VCE = 4.0 Vdc
IC = 3.0 Adc
1000
PNP
NPN
Figure 7. Capacitance
50
500
5000
2000
300
200
30
20
200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com