Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1823 Datasheet (PDF) - Maxim Integrated Products

MAX1823 Datasheet PDF - Maxim Integrated Products
Part # MAX1823
Download  MAX1823 Download
File Size   302.26 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual USB Switch with Fault Blanking and Autoreset

MAX1823 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1823 Datasheet PDF - Maxim Integrated Products

Part # MAX1823
Download  MAX1823 Click to download

File Size   302.26 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual USB Switch with Fault Blanking and Autoreset

MAX1823 Datasheet (HTML) - Maxim Integrated Products


MAX1823 Product details

General Description
The MAX1823 is a dual, current-limited switch with autoreset specifically made for USB applications. The autoreset feature latches the switch off if the output is shorted, saving system power. The switch reactivates when the short circuit is removed. Each channel is guaranteed to supply 720mA and meet USB specifications. Low quiescent supply current (50µA) and standby current (3µA) conserve battery power in portable applications.

Features
♦ Dual USB Switch in Tiny 10-Pin µMAX Package
♦ Autoreset Feature Saves Power
♦ Guaranteed 720mA Load per Channel
♦ Built-In 20ms Fault Blanking
♦ Compliant to USB Specification
♦ Blocks Reverse Current in Shutdown (MAX1823A/MAX1823B)
♦ 4V to 5.5V Input Voltage Range
♦ Independent Shutdown Control
    (MAX1823/MAX1823A—Active Low)
    (MAX1823B/MAX1823H—Active High)
♦ Independent FAULT Indicator Outputs
♦ Thermal-Overload Protection
♦ 50µA Quiescent Current (Both Switches On)
♦ 3µA Standby Current
♦ UL Recognized

Applications
    USB Ports and Hubs
    Notebook and Desktop Computers
    PDAs and Palmtop Computers
    Docking Stations




Similar Part No. - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1823AEUB MAXIM-MAX1823AEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823EUB MAXIM-MAX1823EUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823HEUB MAXIM-MAX1823HEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results


Similar Description - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com