Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1940 Datasheet (PDF) - Maxim Integrated Products

MAX1940 Datasheet PDF - Maxim Integrated Products
Part # MAX1940
Download  MAX1940 Download
File Size   326.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple USB Switch with Autoreset and Fault Blanking

MAX1940 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1940 Datasheet PDF - Maxim Integrated Products

Part # MAX1940
Download  MAX1940 Click to download

File Size   326.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple USB Switch with Autoreset and Fault Blanking

MAX1940 Datasheet (HTML) - Maxim Integrated Products


MAX1940 Product details

General Description
The MAX1940 triple current-limited switch with auto-reset supplies a guaranteed 500mA load per channel in accordance with USB specifications. The MAX1940 operates from a 4V to 5.5V input supply and consumes only 60µA of quiescent current when operating and only 3µA in standby. Selectable active-high/active-low control logic and independent shutdown controls for each channel provide additional flexibility. An autoreset feature latches the switch off in the event of a short circuit, saving system power. The switch reactivates upon removal of the shorted condition.

Features
♦ Triple USB Switch in Tiny 16-Pin QSOP Package
♦ Autoreset Feature Saves System Power
♦ Guaranteed 500mA Load Current per Channel
♦ Built-In 20ms Fault-Blanking Circuitry
♦ Active-High/Active-Low Control Logic
♦ Fully Compliant to USB Specifications
♦ 4V to 5.5V Input Voltage Range
♦ Independent Shutdown Control
♦ Independent Fault Indicator Outputs
♦ Thermal-Overload Protection
♦ 3µA Standby Current

Applications
   USB Ports
   USB Hubs
   Notebook Computers
   Desktop Computers
   PDAs and Palmtop
   Computers
   Docking Stations




Similar Part No. - MAX1940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results


Similar Description - MAX1940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com