Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900 Datasheet (PDF) - Analog Devices

LTC6900 Datasheet PDF - Analog Devices
Part # LTC6900
Download  LTC6900 Download
File Size   1360.53 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage-Controlled Pulse Width Modulator (PWM)

LTC6900 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6900 Datasheet PDF - Analog Devices

Part # LTC6900
Download  LTC6900 Click to download

File Size   1360.53 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage-Controlled Pulse Width Modulator (PWM)

LTC6900 Datasheet (HTML) - Analog Devices


LTC6900 Product details

DESCRIPTION
The LTC®6992 is a silicon oscillator with an easy-to-use analog voltage-controlled pulse width modulation (PWM) capability. The LTC6992 is part of the TimerBlox® family of versatile silicon timing devices.

FEATURES
■ Pulse Width Modulation (PWM) Controlled by Simple 0V to 1V Analog Input
■ Four Available Options Define Duty Cycle Limits
   ■ Minimum Duty Cycle at 0% or 5%
   ■ Maximum Duty Cycle at 95% or 100%
■ Frequency Range: 3.81Hz to 1MHz
■ Configured with 1 to 3 Resistors
■ <1.7% Maximum Frequency Error
■ PWM Duty Cycle Error < 3.7% Maximum
■ Frequency Modulation (VCO) Capability
■ 2.25V to 5.5V Single Supply Operation
■ 115μA Supply Current at 100kHz
■ 500μs Start-Up Time
■ CMOS Output Driver Sources/Sinks 20mA
■ –55°C to 125°C Operating Temperature Range
■ Available in Low Profile (1mm) SOT-23 (ThinSOT™) and 2mm × 3mm DFN
■ AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
■ PWM Servo Loops
■ Heater Control
■ LED Dimming Control
■ High Vibration, High Acceleration Environments
■ Portable and Battery-Powered Equipment




Similar Part No. - LTC6900

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6900 LINER-LTC6900 Datasheet
165Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
logo
Analog Devices
LTC6900 AD-LTC6900 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6900 AD-LTC6900 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results


Similar Description - LTC6900

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
June 1997
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Linear Technology
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com