Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6007 Datasheet (PDF) - Intersil Corporation

HIP6007 Datasheet PDF - Intersil Corporation
Part # HIP6007
Download  HIP6007 Download
File Size   100.38 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller

HIP6007 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6007 Datasheet PDF - Intersil Corporation

Part # HIP6007
Download  HIP6007 Click to download

File Size   100.38 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller

HIP6007 Datasheet (HTML) - Intersil Corporation


HIP6007 Product details

The HIP6007 provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive an N-Channel MOSFET in a standard buck topology. The HIP6007 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives N-Channel MOSFET
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - 1.27V Internal Reference
    - ±1% Over Line Voltage and Temperature
• Over-Current Fault Monitor
    - Does Not Require Extra Current Sensing Element
    - Uses MOSFET’s rDS(on)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator Programmable from 50kHz to Over 1MHz
• 14 Pin, SOIC Package

Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6007

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6007CB RENESAS-HIP6007CB Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
More results


Similar Description - HIP6007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
June 1997
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
Synchronous Buck Pulse-Width Modulator PWM Controller
May 5, 2008
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
Synchronous Buck Pulse-Width Modulator (PWM) Controller
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com