Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6007 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6007
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6007 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6007 Datasheet HTML 1Page - Intersil Corporation HIP6007 Datasheet HTML 2Page - Intersil Corporation HIP6007 Datasheet HTML 3Page - Intersil Corporation HIP6007 Datasheet HTML 4Page - Intersil Corporation HIP6007 Datasheet HTML 5Page - Intersil Corporation HIP6007 Datasheet HTML 6Page - Intersil Corporation HIP6007 Datasheet HTML 7Page - Intersil Corporation HIP6007 Datasheet HTML 8Page - Intersil Corporation HIP6007 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-131
HIP6007
Buck Pulse-Width Modulator (PWM)
Controller
The HIP6007 provides complete control and protection for
a DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive an
N-Channel MOSFET in a standard buck topology. The
HIP6007 integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter can be precisely
regulated to as low as 1.27V, with a maximum tolerance of
±1% over temperature and line voltage variations.
The HIP6007 provides simple, single feedback loop, voltage-
mode control with fast transient response. It includes a
200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6007 protects against over-current conditions by
inhibiting PWM operation. The HIP6007 monitors the current
by using the rDS(ON) of the upper MOSFET which eliminates
the need for a current sensing resistor.
Pinout
HIP6007
(SOIC)
TOP VIEW
Features
• Drives N-Channel MOSFET
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
- 1.27V Internal Reference
-
±1% Over Line Voltage and Temperature
• Over-Current Fault Monitor
- Does Not Require Extra Current Sensing Element
- Uses MOSFET’s rDS(on)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to Over 1MHz
• 14 Pin, SOIC Package
Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and
Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies
PowerPC™ is a trademark of IBM.
Alpha™ is a trademark of Digital Equipment Corporation.
Pentium® is a registered trademark of Intel Corporation.
8
9
10
11
12
13
14
7
6
5
4
3
2
1
OCSET
SS
EN
COMP
FB
RT
VCC
NC
NC
BOOT
UGATE
PHASE
GND
NC
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
HIP6007CB
0 to 70
14 Ld SOIC
M14.15
Data Sheet
September 1997
File Number
4307.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6007

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6007CB RENESAS-HIP6007CB Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
June 1997
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
Synchronous Buck Pulse-Width Modulator PWM Controller
May 5, 2008
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
Synchronous Buck Pulse-Width Modulator (PWM) Controller
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com