Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQY217S Datasheet (PDF) - COSMO Electronics Corporation

KAQY217S Datasheet PDF - COSMO  Electronics Corporation
Part # KAQY217S
Download  KAQY217S Download
File Size   409.86 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Voltage, Solid State Relay-MOSFET Output

KAQY217S Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQY217S Datasheet PDF - COSMO  Electronics Corporation

Part # KAQY217S
Download  KAQY217S Click to download

File Size   409.86 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Voltage, Solid State Relay-MOSFET Output

KAQY217S Datasheet (HTML) - COSMO Electronics Corporation


KAQY217S Product details

Description
The KAQY217 series is robust, ideal for telecom and ground fault applications. It is a SPST normally open switch (1 Form A) that replaces electromechanical relays in many applications. It is constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, single pole single throw
2. Control 200V AC or DC voltage
3. Switch 180mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant
9. MSL class 1
10. Agency Approvals:
   • UL Approved (No. E108430): UL508
   • C-UL Approved (No. E108430)
   • FIMKO Approved: EN60065, EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQY217S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY217STL COSMO-KAQY217STL Datasheet
254Kb / 12P
4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STLD COSMO-KAQY217STLD Datasheet
254Kb / 12P
4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STR COSMO-KAQY217STR Datasheet
254Kb / 12P
4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STRU COSMO-KAQY217STRU Datasheet
254Kb / 12P
4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217S COSMO-KAQY217S_11 Datasheet
146Kb / 7P
PRODUCT SPECIFICATION
More results


Similar Description - KAQY217S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KCP1008 COSMO-KCP1008 Datasheet
409Kb / 2P
HIgh Voltage, Solid State Relay-MOSFET Output
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQV217 COSMO-KAQV217 Datasheet
424Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW214S COSMO-KAQW214S Datasheet
404Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW217 COSMO-KAQW217 Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW614 COSMO-KAQW614 Datasheet
702Kb / 4P
HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQY212 COSMO-KAQY212 Datasheet
418Kb / 2P
HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY414 COSMO-KAQY414 Datasheet
413Kb / 2P
HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com