Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW214S Datasheet (PDF) - COSMO Electronics Corporation

KAQW214S Datasheet PDF - COSMO  Electronics Corporation
Part # KAQW214S
Download  KAQW214S Download
File Size   404.26 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Voltage, Solid State Relay-MOSFET Output

KAQW214S Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQW214S Datasheet PDF - COSMO  Electronics Corporation

Part # KAQW214S
Download  KAQW214S Click to download

File Size   404.26 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description High Voltage, Solid State Relay-MOSFET Output

KAQW214S Datasheet (HTML) - COSMO Electronics Corporation


KAQW214S Product details

Description
The KAQW214 series contains two normally open switches that can be used as two independent SPST relays or as one DPST relay. The relay is constructed using a GaAlAs LED for actuation control and an integrated monolithic dies for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally open, double pole single throw
2. Control 400V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage 5KV (DIP / SMD)
8. Pb free and RoHS compliant
9. MSL class 1
10. Agency Approvals:
    • UL Approved (No. E108430): UL508
    • C-UL Approved (No. E108430)
    • FIMKO Approved: EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQW214S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW214STL COSMO-KAQW214STL Datasheet
249Kb / 12P
8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214STR COSMO-KAQW214STR Datasheet
249Kb / 12P
8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214S COSMO-KAQW214S_11 Datasheet
175Kb / 7P
PRODUCT SPECIFICATION
More results


Similar Description - KAQW214S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KCP1008 COSMO-KCP1008 Datasheet
409Kb / 2P
HIgh Voltage, Solid State Relay-MOSFET Output
KAQY217S COSMO-KAQY217S Datasheet
409Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQV217 COSMO-KAQV217 Datasheet
424Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW217 COSMO-KAQW217 Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW614 COSMO-KAQW614 Datasheet
702Kb / 4P
HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQY212 COSMO-KAQY212 Datasheet
418Kb / 2P
HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY414 COSMO-KAQY414 Datasheet
413Kb / 2P
HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com