Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2016 Datasheet (PDF) - Maxim Integrated Products

MAX2016 Datasheet PDF - Maxim Integrated Products
Part # MAX2016
Download  MAX2016 Download
File Size   405.09 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements

MAX2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2016 Datasheet PDF - Maxim Integrated Products

Part # MAX2016
Download  MAX2016 Click to download

File Size   405.09 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements

MAX2016 Datasheet (HTML) - Maxim Integrated Products


MAX2016 Product details

General Description
The MAX2016 dual logarithmic detector/controller is a fully integrated system designed for measuring and comparing power, gain/loss, and voltage standing-wave ratio (VSWR) of two incoming RF signals. An internal broadband impedance match on the two differential RF input ports allows for the simultaneous monitoring of signals ranging from low frequency to 2.5GHz.

Features
♦ Complete Gain and VSWR Detector/Controller
♦ Dual-Channel RF Power Detector/Controller
♦ Low-Frequency to 2.5GHz Frequency Range
♦ Exceptional Accuracy Over Temperature
♦ High 80dB Dynamic Range
♦ 2.7V to 5.25V Supply Voltage Range*
♦ Internal 2V Reference
♦ Scaling Stable Over Supply and Temperature Variations
♦ Controller Mode with Error Output
♦ Available in 5mm x 5mm, 28-Pin Thin QFN Package

Applications
    Return Loss/VSWR Measurements
    Dual-Channel RF Power Measurements
    Dual-Channel Precision AGC/RF Power Control
    Log Ratio Function for RF Signals
    Remote System Monitoring and Diagnostics
    Cellular Base Station, Microwave Link, Radar, and other Military Applications
    RF/IF Power Amplifier (PA) Linearization




Similar Part No. - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016 MAXIM-MAX2016 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016 MAXIM-MAX2016 Datasheet
226Kb / 9P
Evaluation Kit
Rev 1; 12/06
MAX2016ETI MAXIM-MAX2016ETI Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+D MAXIM-MAX2016ETI+D Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+TD MAXIM-MAX2016ETI+TD Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
More results


Similar Description - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2016 MAXIM-MAX2016_06 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com