Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST3 Datasheet (PDF) - Rohm

QST3 Datasheet PDF - Rohm
Part # QST3
Download  QST3 Download
File Size   67.86 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose amplification (−30V, −5A)

QST3 Datasheet (PDF)

Go To PDF Page Download Datasheet
QST3 Datasheet PDF - Rohm

Part # QST3
Download  QST3 Click to download

File Size   67.86 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose amplification (−30V, −5A)

QST3 Datasheet (HTML) - Rohm




Similar Part No. - QST3

ManufacturerPart #DatasheetDescription
logo
Rohm
QST3 ROHM-QST3 Datasheet
393Kb / 7P
PNP -5A -30V Middle Power Transistor
QST3TR ROHM-QST3TR Datasheet
393Kb / 7P
PNP -5A -30V Middle Power Transistor
More results


Similar Description - QST3

ManufacturerPart #DatasheetDescription
logo
Rohm
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
General purpose amplification (30V, 1A)
US6T9 ROHM-US6T9 Datasheet
106Kb / 3P
General purpose amplification (-30V, -1A)
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
General purpose amplification (-12V, -1.5A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
General purpose amplification (12V, 1.5A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
General purpose amplification(−12V, −2A)
2SB1694 ROHM-2SB1694_1 Datasheet
76Kb / 3P
General purpose amplification (−30V, −1A)
2SB1710 ROHM-2SB1710_1 Datasheet
112Kb / 3P
General purpose amplification (−30V, −1A)
2SB1733 ROHM-2SB1733_1 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
US6T9 ROHM-US6T9_1 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com