Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST3TR Datasheet (PDF) - Rohm

QST3TR Datasheet PDF - Rohm
Part # QST3TR
Download  QST3TR Download
File Size   393.66 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -5A -30V Middle Power Transistor

QST3TR Datasheet (PDF)

Go To PDF Page Download Datasheet
QST3TR Datasheet PDF - Rohm

Part # QST3TR
Download  QST3TR Click to download

File Size   393.66 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -5A -30V Middle Power Transistor

QST3TR Datasheet (HTML) - Rohm




Similar Part No. - QST3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
QST3 ROHM-QST3 Datasheet
67Kb / 3P
General purpose amplification (−30V, −5A)
More results


Similar Description - QST3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
PNP -5.0A -30V Middle Power Transistor
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
PNP -2.0A -30V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
PNP -2.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
PNP -3.0A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
PNP -5.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
PNP -6A -30V Middle Power Transistor
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -5A)
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com