Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR293P Datasheet (PDF) - Rohm

2SAR293P Datasheet PDF - Rohm
Part # 2SAR293P_13
Download  2SAR293P Download
File Size   428.92 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -1.0A -30V Middle Power Transistor

2SAR293P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR293P Datasheet PDF - Rohm

Part # 2SAR293P_13
Download  2SAR293P Click to download

File Size   428.92 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -1.0A -30V Middle Power Transistor

2SAR293P Datasheet (HTML) - Rohm




Similar Part No. - 2SAR293P_13

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
More results


Similar Description - 2SAR293P_13

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
QST3TR ROHM-QST3TR Datasheet
393Kb / 7P
PNP -5A -30V Middle Power Transistor
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
PNP -2.0A -30V Middle Power Transistor
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
PNP -1.0A -50V Middle Power Transistor
2SAR513R ROHM-2SAR513R Datasheet
1Mb / 10P
PNP -1.0A -50V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
PNP -5.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
PNP -6A -30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR513RHZG ROHM-2SAR513RHZG Datasheet
1Mb / 9P
PNP -1.0A -50V Middle Power Transistor
20220329 - Rev.003
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com